PART |
Description |
Maker |
SL1010003 SL1010003-B |
TRANS,WALL,9VDC/800mA,F2 2.1mm x 5.5mm,UL/CUL TRANS,WALL,REG LIN,9VDC/500mA 2.1mmX5.5mm,CTR POS,UL/CSA
|
Ametherm, Inc
|
SL0850002 |
TRANS,WALL,9VDC/500mA M2,3.5mm,UL/CSA 50/cs
|
Ametherm, Inc
|
PLUSCON-RCS |
Special pipe spanner, tool for mounting the M23 connector housing (with assembly), for coupling and sleeve housing
|
PHOENIX CONTACT
|
APL5551 |
Dual Channel 500mA/500mA Regulator Reset IC
|
Anpec Electronics
|
AS1129 AS1129M3-5.0 |
500mA Low Dropout Voltage Regulator(500mA,低压差稳压 FIXED POSITIVE LDO REGULATOR, PSSO3
|
Sipex Corporation
|
LT3029MPMSE LT3029IDE LT3029IDEPBF LT3029IDETR LT3 |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
MC78M12ABT MC78M09BDT MC78M09BDTRK MC78M05BDTRK MC |
500mA, 12V, Positive Voltage Regulator 500mA, 9V, Positive Voltage Regulator 500mA, 5V, Positive Voltage Regulator 500mA, 18V, Positive Voltage Regulator 500mA, 8V, Positive Voltage Regulator 500mA, 15V, Positive Voltage Regulator 500mA, 6V, Positive Voltage Regulator
|
ON Semiconductor
|
B81130-C1154-M B81130-C1103-M B81130-C1105-M B8113 |
KONDENSATOR X2 RASTER 15MM 150NF KONDENSATOR X2 RASTER 10MM 10NF KONDENSATOR X2 RASTER 27.5MM 1000NF KONDENSATOR X2 RASTER 15MM 100NF KONDENSATOR X2 RASTER 27.5MM 1500NF KONDENSATOR X2 RASTER 10MM 22NF KONDENSATOR X2 RASTER 10MM 33NF KONDENSATOR X2 RASTER 22.5MM 330NF KONDENSATOR X2 RASTER 27.5MM 2200NF KONDENSATOR X2 RASTER 15MM 47NF KONDENSATOR X2栅格15毫米47NF KONDENSATOR X2 RASTER 10MM 47NF KONDENSATOR X2栅格10毫米47NF KONDENSATOR X2 RASTER 22.5MM 470NF KONDENSATOR X2栅格22.5毫米470NF KONDENSATOR X2 RASTER 27.5MM 680NF KONDENSATOR X2栅格27.5毫米680NF KONDENSATOR X2 RASTER 10MM 15NF KONDENSATOR X2栅格10毫米15NF KONDENSATOR X2 RASTER 27.5MM 470NF KONDENSATOR X2栅格27.5毫米470NF KONDENSATOR X2 RASTER 15MM 68NF KONDENSATOR X2栅格15毫米68NF
|
KEMET Corporation EPCOS AG TE Connectivity, Ltd.
|
MAX1806EUA MAX1806 MAX1806EUA15 MAX1806EUA18 MAX18 |
500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in UMAX 500mA Low-Voltage Linear Regulator in UMAX From old datasheet system 3A Fixed Low Dropout Linear Regulator (LDO)
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
CENW51 CENW57 CENW51A CENW55 CENW56 CENW92 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 1A I(C) | TO-237VAR TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 500MA I(C) | TO-237VAR TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 1A I(C) | TO-237VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-237VAR TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | TO-237VAR TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 500MA I(C) | TO-237VAR 晶体管|晶体管|进步党| 300V五(巴西)总裁| 500mA的一(c)|37VAR
|
SMSC, Corp.
|
VKO472KCQCD0KR |
Cap Ceramic 0.0047uF 440VAC/300VAC 10% (13.5 X 4.5mm) Radial 7.5mm Bulk
|
Vishay Draloric
|